technical data sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http: //www.micros emi.com rf01011 rev b , august 2010 hi gh rel iability product group page 1 of 4 devices m15kp22a thru m15kp280ca, e3 levels m, ma, mx, mxl features ? high reliability controlled devices with wafer fabrication and assembly lot traceability ? 100 % surge tested devices ? s uppresses transients up to 15 kw @ 10/1000 s and 100 kw @ 8/20 s (see figure 1) ? optional upscreening available by replacing m prefix with ma, mx or mxl prefixes. these prefixes specify various screening and conformance inspection op tions based on mil - prf - 19500. refer to micron ote 129 for more d etails on the screening options ? moisture classification is level 1 with no dry pack required per ipc/jedec j - std - 020b ? rohs compliant devices available by adding e3 suffix ? 3 lot norm screening performed on standby current i d applications / benefits ? protection from switching transients and induced rf ? fast response ? protection from esd, and eft per iec 61000 - 4 - 2 and iec 61000 - 4 - 4 ? secondary lightning protection per iec 61000 - 4 - 5 with 42 ohms source impedance: o class 1,2,3,4: m15kp22a to m15kp280ca o class 5: m15kp22a to m15kp280ca (short distance) o class 5: m15kp22a to m 1 5kp110ca (long distance) ? secondary lightning protecti on per iec 61000 - 4 - 5 with 12 ohms source impedance: o class 1 & 2: m15kp22a to m15kp280ca o class 3: m15kp22a to m15kp240ca o class 4: m15kp22a to m15kp120ca ? secondary lightning protection per iec 61000 - 4 - 5 with 2 ohms source impedance: o class 2: m15kp22a to m15kp220ca o class 3: m15kp22a to m15kp110ca o class 4: m15kp22a to m15kp54ca maximum ratings ? peak pulse power dissipation at 25 oc : 15,000 watts at 10/1000 s (also see figures 1 and 2) with impulse repetition rate (duty factor) of 0.05 % or less ? t clamping (0 v to v br min.): < 100 ps theoretical for unidirection al and < 5 ns for bidirectional ? operating and storage temperature: - 65 oc to +150 oc ? thermal resistance: 20 oc/w junction to lead, or 80oc/w junction to ambient when mounted on fr4 pc board with 4 mm 2 copper pads (1oz) and track width 1 mm, length 25 mm ? steady - state power dissipation: 6 watts at t l = 30 o c, or 1.56 watts at t a = 2 5oc when mounted on fr4 pc board d escribed for thermal resistan ce ? forward surge: 200 amps 8.3 ms half - sine wave for unidirectional devices only ? solder temperatures: 260 oc for 10 s (maximum ) 1 5 , 000w transient voltage suppressor - high reliability controlled devices - unidirectional (a) and bidirectional (ca) construction - plastic encapsulated tvs series for thru hole mounting - selections for 22.0 to 280 v standoff voltages (v wm ) case 5a (do - 204ar)
technical data sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http: //www.micros emi.com _____________________________________________________________________________________________________________________________ ______ rf01011 r ev b , august 2010 hi gh rel iability product group page 2 of 4 mechanical and packaging ? void - free transfer molded thermoset ting epoxy body meeting ul94v - 0 requirements ? tin - lead (90 % sn, 10 % pb) or rohs (100% sn) compliant annealed matte - tin plating readily solderab le per mil - std - 750, method 2026 ? body marked with part number ? band denotes ca thode. bidirectional not marked . ? available in b ulk or custom tape - and - reel packaging ? tape - and - reel s tandard per eia - 296 for axial package (add tr suffix to part number) ? w eight: 1.4 gram s (approximate) package dimensions case 5a dimensions in inches symbols & definitions symbol definition symbol definition v wm working peak (standoff) voltage i pp peak pulse current p pp peak pulse power v c clamping voltage v br breakdown voltage i br breakdown current for v br i d standby current
technical data sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http: //www.micros emi.com _____________________________________________________________________________________________________________________________ ______ rf01011 r ev b , august 2010 hi gh rel iability product group page 3 of 4 electrical characteristics @ 25 o c microsemi part number (note 2) reverse stand - off voltage v wm (note 1) v minimum breakdown voltage v br @ i br v ma maximum clamping voltage v c @ i pp v maximum standby current i d @ v wm ? a maximum peak pulse current i pp (fig. 2) a maximum voltage temperature variation v(br ) mv/ oc m15kp22a 22 24.4 10 37.1 500 404 24 m15kp24a m15kp26a 24 26 26.7 28.9 5 5 40.7 44.0 150 50 369 341 27 29 m15kp28a m15kp30a 28 30 31.1 33.3 5 5 47.5 50.7 25 15 316 296 31 34 m15kp33a m15kp36a 33 36 36.7 40.0 5 5 54.8 59.7 10 10 274 251 38 41 m15kp40a m15kp43a 40 43 44.4 47.8 5 5 65.8 69.7 10 10 228 215 46 50 m15kp45a m15kp48a 45 48 50.0 53.3 5 5 73.0 77.7 10 10 205 193 52 56 m15kp51a m15kp54a 51 54 56.7 60.0 5 5 82.8 87.5 10 10 181 171 60 63 m15kp58a m15kp60a 58 60 64.4 66.7 5 5 94.0 97.3 10 10 160 154 68 71 m15kp64a m15kp70a 64 70 71.1 77.8 5 5 104 114 10 10 144 132 76 83 m15kp75a m15kp78a 75 78 83.3 86.7 5 5 122 126 10 10 123 119 89 93 m15kp85a m15kp90a 85 90 94.4 100 5 5 137 146 10 10 109 103 102 109 m15kp100a m15kp110a 100 110 111 122 5 5 162 178 10 10 93 84 121 133 m15kp120a m15kp130a 120 130 133 144 5 5 193 209 10 10 78 72 145 157 m15kp150a m15kp160a 150 160 167 178 5 5 243 259 10 10 62 58 183 195 m15kp170a m15kp180a 170 180 189 200 5 5 275 291 10 10 55 52 207 219 m15kp200a m15kp220a 200 220 222 245 5 5 322 356 10 10 47 42 243 269 m15kp240a m15kp260a 240 260 267 289 5 5 388 419 10 10 39 36 293 317 m15kp280a 280 311 5 452 10 33 342 note 1: transient voltage suppressors are normally selected with reverse standoff voltage v wm which should be equal to or greater than the dc or continuous peak operating voltage level. note 2: for bidirectional construction, indicate a ca suffix after the part number. ** consult factory for availability of the 17 and 18 volt devices on a special order basis. s
technical data sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http: //www.micros emi.com _____________________________________________________________________________________________________________________________ ______ rf01011 r ev b , august 2010 hi gh rel iability product group page 4 of 4 graphs p pp peak pulse power - kw c C p pp ) or continuous power in percent of 25 o c rating tp C C figure 1 peak pulse power vs. pulse time to 50% of figure 2 exponentially decaying pulse test waveform parameters: tr=10 ? ? figure 2 figure 2 : pulse waveform pulse waveforpulse waveform t l lead temperature o c figure 4 derating v (br) - breakdown voltage - volts figure 3 typical capacitance vs. breakdown voltage note: for bidirectional construction, indicate a c or ca suffix after part number. capacitance will be one - half that shown in figure 3.
|